PART |
Description |
Maker |
AS7C33128PFD32_36B AS7C33128PFD36B-200TQIN AS7C331 |
Sync SRAM - 3.3V LM397 Single General Purpose Voltage Comparator; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 4 ns, PQFP100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 3.3 128K的X 32/36管道爆裂同步SRAM
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc.
|
MT5C1008 MT5C1008C-20_883C MT5C1008C-20L_883C MT5C |
128K x 8 SRAM WITH DUAL CHIP ENABLE AVAILABLE AS MILITARY SPECIFICATIONS
|
AUSTIN[Austin Semiconductor] ASI[Advanced Semiconductor]
|
AS7C1025B AS7C1025B-20TJIN AS7C1025B-10JC AS7C1025 |
128 x 64 pixel format, LED or EL Backlight available 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-PDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
CY7C0853V-133BBXI CY7C0852AV-167AXC CY7C0851AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172
|
Cypress Semiconductor, Corp.
|
CY7C09099V-7AI |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 128K X 8 DUAL-PORT SRAM, 18 ns, PQFP100
|
Cypress Semiconductor, Corp.
|
CY7C1351F CY7C1351F-100AC CY7C1351F-100AI CY7C1351 |
4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 11 ns, PBGA119 4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 8 ns, PQFP100 4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 8 ns, PBGA119 4-Mb (128K x 36) Flow-through SRAM with NoB TM Architecture 4-Mb (128K x 36) Flow-through SRAM with NoBL Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
P4C1023-55CC P4C1023-55CI P4C1023-55CJC P4C1023-55 |
LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM 128K X 8 STANDARD SRAM, 70 ns, CDIP32 LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM 128K X 8 STANDARD SRAM, 70 ns, CDSO32 LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM 128K X 8 STANDARD SRAM, 55 ns, CDIP32
|
Pyramid Semiconductor C... Pyramid Semiconductor Corporation Pyramid Semiconductor, Corp.
|
AS7C31024 AS7C31024-10 AS7C31024-10TJC AS7C31024-1 |
AML41 Series, Solid State Indicator, Square, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 1 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128K的8 CMOS SRAM的(进化引脚 SWTCH PLUNGR SPDT 15A SCREW TERM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 128K X 8 STANDARD SRAM, 20 ns, PDSO32 AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K8 CMOS SRAM (Evolutionary Pinout)
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ETC
|
CY14B101LA-SZ45XI CY14B101LA-SZ45XC CY14B101LA-SZ4 |
128K X 8 NON-VOLATILE SRAM, 20 ns, PDSO48 128K X 8 NON-VOLATILE SRAM, 45 ns, PDSO48 128K X 8 NON-VOLATILE SRAM, 25 ns, PDSO32 128K X 8 NON-VOLATILE SRAM, 20 ns, PDSO32 1 Mbit (128K x 8/64K x 16) nvSRAM
|
CYPRESS SEMICONDUCTOR CORP http://
|
GS73024B-15I GS73024B GS73024B-10 GS73024B-10I GS7 |
3Mb28K x 24Bit)Asynchronous SRAM(3M位(128K x 24位)异步静态RAM) 128K X 24 3MB ASYNCHRONOUS SRAM 128KX 24 3MB的异步SRAM 128K X 24 3MB ASYNCHRONOUS SRAM 128K的X 24 3MB的异步SRAM
|
List of Unclassifed Manufacturers ETC[ETC] GSI Technology Electronic Theatre Controls, Inc.
|
|